PART |
Description |
Maker |
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ST52440F3 ST52440G3 |
8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
|
ST Microelectronics
|
MC14536 MC14536B MC14536BCP MC14536BDW MC14536BDWR |
Programmable Timer Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DIVIDE BY N COUNTER, PDIP16
|
ONSEMI[ON Semiconductor]
|
ENC270D-05B ENC390D-05B ENC470D-05B ENC560D-05B EN |
SMBus Accelerator (SMA); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 STD MOV 性病检验手
|
TE Connectivity, Ltd. ZF Electronics, Corp.
|
DS1608 DS1608S |
Analog Timer Circuit AnalogTimerCircuit
|
|
TS3V556AID |
Analog Timer Circuit 模拟定时器电
|
STMicroelectronics N.V.
|
MD8254NBSP D8254-2NBSP MD8254 |
Analog Timer Circuit From old datasheet system
|
Intel Corp
|
EM4022V11WS11 EM4022V21WS11 EM4022 EM4022V10WS11 E |
Analog Miscellaneous Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs; Temperature Range: -55°C to 125°C; Package: 50-QFN 模拟杂项 Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: -40°C to 85°C; Package: 28-QFN 模拟杂项
|
EMMICRO[EM Microelectronic - MARIN SA] Vishay Intertechnology, Inc.
|
ADUC7023BCP6Z62I |
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU; Package: LFCSP:LEADFRM CHIP SCALE; No of Pins: 40; Temperature Range: Ind
|
ANALOG DEVICES INC
|
TS3V555 TS3V555I 4075 TS3V555ID |
Analog Timer Circuit 模拟定时器电 From old datasheet system 3V LOW POWER SINGLE TIMERS
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|